PART |
Description |
Maker |
19195-1035 19195-1085 19195-1006 19195-1040 19195- |
MAGKRIMP 5/16 RING 10380-52480 CMA PLATE COPPER ALLOY, TIN FINISH, WIRE TERMINAL MAGKRIMP 1/4 RING DUAL PLATED COPPER ALLOY, TIN FINISH, WIRE TERMINAL PIERCING RING TERMINAL #10 PLATED COPPER ALLOY, TIN FINISH, WIRE TERMINAL MAGKRIMP 1/2 RING 50K-115K CMA PLATED COPPER ALLOY, TIN FINISH, WIRE TERMINAL MAGKRIMP 1/4 SQR RING 10380-52480CMA PLT COPPER ALLOY, TIN FINISH, WIRE TERMINAL MAGKRIMP 3/8 RING 110K-175K CMA PLATED COPPER ALLOY, TIN FINISH, WIRE TERMINAL MAGKRIMP #10 SPADE PLATED MAGKRIMP 3/8 RING 50K-115K CMA PLATED
|
Molex, Inc. MOLEX INC
|
LCA4-56-L LCA2-14-Q |
1 HOLE CU LUG STD BARREL - RoHS Compliant: Yes COPPER ALLOY, TIN FINISH, WIRE TERMINAL 1-Hole Lug Solderless Terminal; Wire Size (AWG):2; Stud Size:1/4; Body Material:Copper; Body Plating:Tin; Features:Standard Barrel; For Use With:Copper Cable; Pack Quantity:25 RoHS Compliant: Yes COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
Panduit, Corp.
|
MX5-PW-CO-4000 MX5-PW-00-4000 |
HIGH CONDUCTIVITY COPPER ALLOY 1.25 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
Japan Aviation Electronics Industry, Ltd. JAPAN AVIATION ELECTRONICS INDUSTRY LTD
|
19073-0085 19073-0096 19073-0094 19073-0087 19073- |
CONN RING TERM #8 14-16AWG 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (BB-839-08T) 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (BB-839-08) 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL #10 RING TERMINAL 100/PKG 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL BB-837-06T RING AVIKRIMP TAPED 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Molex, Inc.
|
PN14-6RX-C PN22-10R-C |
TERM RING EXP NYL 16-14AWG #6 COPPER ALLOY, TIN FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):26-22; Stud Size:#10; Pack Quantity:100 COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Panduit, Corp.
|
P22-4R-C P10-10RHT6-L |
Ring Tongue Solderless Terminal; Wire Size (AWG):26-22; Stud Size:#4; Pack Quantity:100 COPPER ALLOY, TIN FINISH, RING TERMINAL #12- #10 Barrel Non-Insulated Ring, Stud size #10, length-0.81", width-0.38, diameter-0.22", Temp rating max 150C, Material-Thick copper tin plated UL listed CSA certified COPPER ALLOY, NICKEL FINISH, RING TERMINAL
|
Panduit, Corp.
|
RSC750-750-6 |
COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
PANDUIT CORP
|
CTL400-12 |
COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
THOMAS & BETTS CORP
|
MD1210F-1 MD10M-3 |
COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
THOMAS & BETTS CORP
|
BSV18X-M BSV18X-C |
COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
PANDUIT CORP
|
P14-P47-M |
2.5 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
PANDUIT CORP
|
35402-8002 |
0.85 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
MOLEX INC
|
|